PART |
Description |
Maker |
2-1437045-5 9-1437044-5 4-1437045-7 |
STIFTLEISTE PCB MITTENPOLARIS HOR 26POL STIFTLEISTE PCB MITTENPOLARIS HOR 20POL STIFTLEISTE贺永20POL板MITTENPOLARIS 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit STIFTLEISTE贺永34POL板MITTENPOLARIS
|
TE Connectivity, Ltd.
|
148-09J12 |
NOT RoHS. RF inductor, tunable, Carbonyl J core (add 'L for compliant version)" UNSHIELDED, 0.208 uH - 0.41 uH, VARIABLE INDUCTOR
|
Coilcraft, Inc.
|
0805CS-030XMLC 0805CS-390XMLC 0805CS-470XKLC 0805C |
RF inductor, ceramic core, 5% tol, SMT, RoHS 1 ELEMENT, 0.0033 uH, GENERAL PURPOSE INDUCTOR, SMD RF inductor, ceramic core, 5% tol, SMT, RoHS 1 ELEMENT, 0.039 uH, GENERAL PURPOSE INDUCTOR, SMD OBSOLETE when inventory is depleted. 10% tolerance no longer offered. Change 'K' to 'J' for 5% tolerance. 1 ELEMENT, 0.047 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.091 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.036 uH, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc. COILCRAFT INC
|
104930-3 104930-1 |
VERBINDER PCB/EINZELLEITER HOR 8POL VERBINDER多氯联苯/ EINZELLEITER贺永8POL VERBINDER PCB/EINZELLEITER HOR 4POL VERBINDER多氯联苯/ EINZELLEITER贺永4POL
|
TE Connectivity, Ltd.
|
SLC7530S-820MXB SLC7530D-101MXC |
OBSOLETE when inventory is depleted. Change 'X' to 'L' for new RoHS part number. Terminals never contained lead. 1 ELEMENT, 0.082 uH, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc. COILCRAFT INC
|
1008HQ-7N8XKBB |
OBSOLETE when inventory is depleted. 10% tolerance no longer offered. Change 'K' to 'J' for 5% tolerance. 1 ELEMENT, 0.0078 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc.
|
DR331-4-333 |
DR331-4 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 33µH. Rated Current 3.0 Amps. Operating Temp. -40°C to 85°C. Size: 18.54mm x 15.24mm x 7.11mm.
|
DATATRONIC DISTRIBUTION INC
|
02111 02111-3 |
HEATSINK 9INCH HGT..HOR
|
VICOR[Vicor Corporation]
|
LQP03TN3N9C04D LQP03TN4N7J04D LQP03TN12NJ04D LQP03 |
INDUCTOR 3.9NH 170MA 0201 1 ELEMENT, 0.0039 uH, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 4.7NH 160MA 0201 1 ELEMENT, 0.0047 uH, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 12NH 90MA 0201 1 ELEMENT, 0.012 uH, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 15NH 90MA 0201 1 ELEMENT, 0.015 uH, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 1.0NH 400MA 0201 1 ELEMENT, 0.001 uH, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 22NH 70MA 0201 1 ELEMENT, 0.022 uH, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 47NH 50MA 0201 1 ELEMENT, 0.047 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0091 uH, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 27NH 70MA 0201 INDUCTOR 1.8NH 280MA 0201 INDUCTOR 1.5NH 280MA 0201 INDUCTOR 33NH 60MA 0201
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
0403HQ-3N4XJBU 0403HQ-15NXJBU |
OBSOLETE Change 'B' to 'L' for new part number. Part was always RoHS compliant; terminals never contained lead. 1 ELEMENT, 0.0034 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD OBSOLETE Change 'B' to 'L' for new part number. Part was always RoHS compliant; terminals never contained lead. 1 ELEMENT, 0.015 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc.
|
|